Part Number Hot Search : 
MRF151 073644 87C510 DS18B20Z 26000 UN221K MZ4102 0603X
Product Description
Full Text Search
 

To Download SDR0603-120ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr0603 series - smd power inductors features available in e12 series small design of only 5.8 mm maximum diameter low 3.9 mm profile rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout 5.8 (.228) max. max. 3.9 (.154) general specifications test voltage........................................1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core ...............................ferrite dr core wire ............................enameled copper terminal.....................................ag/ni/sn rated current..ind. drop 10 % typ. at isat temperature rise ..................40 ? max. at rated irms packaging.....................400 pcs. per reel 1.8 (.071) max. typ. 5.8 (.228) 5.8 (.228) 6.0 (.236) 1.7 (.067) typical part marking 101 start finish inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. ( ? ? ) max. typ. (mhz) (mhz) (a) (a) sdr0603-1r5ml 1.5 20 24 7.96 85 0.04 3.00 3.50 sdr0603-2r5ml 2.5 20 21 7.96 74 0.05 2.35 2.70 sdr0603-3r3ml 3.3 20 21 7.96 68 0.05 2.20 2.60 sdr0603-3r9ml 3.9 20 22 7.96 62 0.05 2.10 2.20 sdr0603-4r7ml 4.7 20 20 7.96 56 0.07 1.80 2.20 sdr0603-5r0ml 5.0 20 19 7.96 50 0.07 1.60 2.10 sdr0603-6r8ml 6.8 20 19 7.96 44 0.11 1.38 1.80 sdr0603-7r5ml 7.5 20 19 7.96 38 0.12 1.29 1.60 sdr0603-100ml 10 20 24 2.52 34 0.15 1.14 1.40 SDR0603-120ML 12 20 23 2.52 30 0.16 1.02 1.30 sdr0603-150ml 15 20 22 2.52 28 0.18 0.93 1.10 sdr0603-180ml 18 20 23 2.52 24 0.25 0.82 1.10 sdr0603-220ml 22 20 20 2.52 30 0.28 0.75 0.96 sdr0603-270ml 27 20 19 2.52 19 0.30 0.67 0.86 sdr0603-330kl 33 10 23 2.52 15 0.45 0.61 0.70 sdr0603-390kl 39 10 22 2.52 13 0.46 0.56 0.66 sdr0603-470kl 47 10 20 2.52 13 0.55 0.52 0.62 sdr0603-560kl 56 10 17 2.52 12 0.62 0.48 0.58 sdr0603-680kl 68 10 17 2.52 12 0.72 0.44 0.54 sdr0603-820kl 82 10 15 2.52 11 0.84 0.40 0.48 sdr0603-101kl 100 10 28 0.796 10 0.95 0.38 0.66 sdr0603-121kl 120 10 27 0.796 8 1.10 0.36 0.60 sdr0603-151kl 150 10 28 0.796 8 1.43 0.32 0.56 sdr0603-181kl 180 10 26 0.796 7 1.60 0.30 0.50 sdr0603-221kl 220 10 26 0.796 6 2.00 0.26 0.46 sdr0603-271kl 270 10 26 0.796 5 2.40 0.24 0.38 sdr0603-331kl 330 10 28 0.796 5 3.20 0.20 0.36 sdr0603-391kl 390 10 28 0.796 4 3.40 0.18 0.32 sdr0603-471kl 470 10 29 0.796 4 4.55 0.15 0.26 dimensions: mm (inches) *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr0603 series - smd power inductors rev. 05/05 packaging specifications dimensions: mm (inches) 14.0 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. end start user direction of feed 160 (6.299) no component no component components 4.1 (.161) 3200 (125.984) 400 (15.748) 4 (.157) 8 (.315) 12 (.472) qty: 400 pcs. per reel


▲Up To Search▲   

 
Price & Availability of SDR0603-120ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X